Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCF03 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STCF03
Description  High power white LED driver with I2C??interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF03 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STCF03 Datasheet HTML 27Page - STMicroelectronics STCF03 Datasheet HTML 28Page - STMicroelectronics STCF03 Datasheet HTML 29Page - STMicroelectronics STCF03 Datasheet HTML 30Page - STMicroelectronics STCF03 Datasheet HTML 31Page - STMicroelectronics STCF03 Datasheet HTML 32Page - STMicroelectronics STCF03 Datasheet HTML 33Page - STMicroelectronics STCF03 Datasheet HTML 34Page - STMicroelectronics STCF03 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Package mechanical data
STCF03
33/35
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.60
0.063
Po
3.9
4.1
0.153
0.161
P7.98.1
0.311
0.319
Tape & reel TFBGA25 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35