Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3121IYCT Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce TS3121IYCT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121IYCT Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button TS3121IYCT Datasheet HTML 24Page - STMicroelectronics TS3121IYCT Datasheet HTML 25Page - STMicroelectronics TS3121IYCT Datasheet HTML 26Page - STMicroelectronics TS3121IYCT Datasheet HTML 27Page - STMicroelectronics TS3121IYCT Datasheet HTML 28Page - STMicroelectronics TS3121IYCT Datasheet HTML 29Page - STMicroelectronics TS3121IYCT Datasheet HTML 30Page - STMicroelectronics TS3121IYCT Datasheet HTML 31Page - STMicroelectronics TS3121IYCT Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
8
Ordering information
Table 9. Order code
Order code
Package
Packaging
Marking
TS3121ICT
SC70-5
Tape and reel
K5T
TS3121AICT
K5U
TS3121IYCT (1)
K5V
TS3121AIYCT (1)
K5W
TS3121ILT
SOT23-5
K5T
TS3121AILT
K5U
TS3121IYLT (1)
K5V
TS3121AIYLT (1)
K5W
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent.
TS3121, TS3121A
Ordering information
DS14484 - Rev 2
page 28/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34