Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CF5010BN2 Fiches technique(PDF) 2 Page - Nippon Precision Circuits Inc

No de pièce CF5010BN2
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5010BN2 Fiches technique(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5010BN2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5010BN2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —2
SERIES CONFIGURATION
For 3rd Overtone Oscillator
ORDERING INFORMATION
PACKAGE DIMENSIONS
(Unit: mm)
• 8-pin SOP
Version
Operating
supply voltage
range [V]
gm ratio
Built-in capacitance
Rf
[k
Ω]
Output current
(VDD = 5V)
[mA]
Output duty
level
CG [pF]
CD [pF]
CF5010FNA
2.7 to 5.5
1.00
13
15
4.2
16
CMOS
CF5010FNC
11
17
3.1
CF5010FND
13
17
2.2
CF5010FNE
4.5 to 5.5
8
15
2.2
CF5010FHA
4.5 to 5.5
1.00
13
15
4.2
4
CMOS
CF5010FHC
11
17
3.1
CF5010FHD
13
17
2.2
CF5010FHE
8
15
2.2
CF5010HN1
4.5 to 5.5
1.17
13
17
200
16
CMOS
CF5010HK1
4.5 to 5.5
1.17
13
17
200
16
TTL
Device
Package
SM5010
×××S
8-pin SOP
CF5010
×××–1
Chip form
5.2 0.3
0.4 0.1
0.15 + 0.1
− 0.05
0 to 10
0.695typ
1.27
0.12 M
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25