| Moteur de recherche de fiches techniques de composants électroniques |
|
STP7NB60FP Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP7NB60FP Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() STP7NB60/FP 2/11 Table 3. Absolute Maximum Ratings Note: 1. Pulse width limited by safe operating area 2. ISD ≤ 7A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX Table 4. Thermal Data Table 5. Avalanche Characteristics Symbol Parameter Value Unit STP7NB60 STP7NB60FP VDS Drain-source Voltage (VGS = 0) 600 V VDGR Drain- gate Voltage (RGS = 20 kΩ) 600 V VGS Gate-source Voltage ± 30 V ID Drain Current (cont.) at TC = 25 °C 7.2 4.1 A ID Drain Current (cont.) at TC = 100 °C 4.5 2.6 A IDM (1) Drain Current (pulsed) 28.8 28.8 A Ptot Total Dissipation at TC = 25 °C 125 40 W Derating Factor 1.0 0.32 W°/C dv/dt (2) Peak Diode Recovery voltage slope 4.5 4.5 V/ns VISO Insulation Withstand Voltage (DC) – 2000 V Tstg Storage Temperature -65 to 150 °C Tj Max. Operating Junction Temperature 150 °C Symbol Parameter Value Unit TO-220 TO220-FP Rthj-case Thermal Resistance Junction-case Max 1.0 3.13 °C/W Rthj-amb Thermal Resistance Junction-ambient Max 62.5 °C/W Tl Maximum Lead Temperature For Soldering Purpose 300 °C Symbol Parameter Max Value Unit IAR Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, δ < 1%) 7.2 A EAS Single Pulse Avalanche Energy (starting Tj = 25 °C; ID = IAR; VDD = 50 V) 580 mJ |