Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IIS2DULPX Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce IIS2DULPX
Description  Intelligent ultralow-power accelerometer for industrial applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DULPX Fiches technique(HTML) 3 Page - STMicroelectronics

  IIS2DULPX Datasheet HTML 1Page - STMicroelectronics IIS2DULPX Datasheet HTML 2Page - STMicroelectronics IIS2DULPX Datasheet HTML 3Page - STMicroelectronics IIS2DULPX Datasheet HTML 4Page - STMicroelectronics IIS2DULPX Datasheet HTML 5Page - STMicroelectronics IIS2DULPX Datasheet HTML 6Page - STMicroelectronics IIS2DULPX Datasheet HTML 7Page - STMicroelectronics IIS2DULPX Datasheet HTML 8Page - STMicroelectronics IIS2DULPX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
I C
SPI
CS
SCL/SPC
SDA/SDO/SDI
SDO/TA0
CONTROL LOGIC
&
INTERRUPT GEN.
INT1
CLOCK
TRIMMING
CIRCUITS
REFERENCE
CONTROL
INT2
LOGIC
SELF-TEST
128-level
FIFO
2
CHARGE
AMPLIFIER
X
Y
Z
X+
X-
Y+
Y-
Z+
Z-
AH_QVAR / TEMPERATURE SENSOR
A/D
CONVERTER
a
AAF
AAF
AAF
MIPI I3C®
IIS2DULPX
Block diagram and pin description
DS14580 - Rev 1
page 3/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More