Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIS16250PCBZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADIS16250PCBZ
Description  iSensor??PC Evaluation System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIS16250PCBZ Fiches technique(HTML) 9 Page - Analog Devices

  ADIS16250PCBZ Datasheet HTML 1Page - Analog Devices ADIS16250PCBZ Datasheet HTML 2Page - Analog Devices ADIS16250PCBZ Datasheet HTML 3Page - Analog Devices ADIS16250PCBZ Datasheet HTML 4Page - Analog Devices ADIS16250PCBZ Datasheet HTML 5Page - Analog Devices ADIS16250PCBZ Datasheet HTML 6Page - Analog Devices ADIS16250PCBZ Datasheet HTML 7Page - Analog Devices ADIS16250PCBZ Datasheet HTML 8Page - Analog Devices ADIS16250PCBZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Preliminary Technical Data
ADISEVAL
Rev. PrA | Page 9 of 9
1
2
3
4
5
6
FIGURE FLAG NOTES:
1.
Perform a single read of the ADIS16250’s output data
2.
Start and stop continuous reading of the ADIS16250’s output data. Set the acquisition loop delay time. This provides rough
control over sample times. Please note that this data will not have a high degree of coherence.
3.
Select the file data logging option.
4.
Configure the ADIS16201’s internal sample rate and filter response.
5.
Set the measurement range from the three options available in the ADIS16250.
6.
Exercise the user calibration functions.
Figure 8. ADIS16250 Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9