Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADISEVAL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADISEVAL
Description  iSensor??PC Evaluation System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADISEVAL Fiches technique(HTML) 5 Page - Analog Devices

  ADISEVAL Datasheet HTML 1Page - Analog Devices ADISEVAL Datasheet HTML 2Page - Analog Devices ADISEVAL Datasheet HTML 3Page - Analog Devices ADISEVAL Datasheet HTML 4Page - Analog Devices ADISEVAL Datasheet HTML 5Page - Analog Devices ADISEVAL Datasheet HTML 6Page - Analog Devices ADISEVAL Datasheet HTML 7Page - Analog Devices ADISEVAL Datasheet HTML 8Page - Analog Devices ADISEVAL Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Technical Data
ADISEVAL
Rev. PrA | Page 5 of 9
1
2
3
4
5
FIGURE FLAG NOTES:
1.
Set the Device type to ADIS16003 or ADIS16006. Set the Interface to parallel and set the port address per ReadMeFirst.PDF
2.
Set the axis being tested. Test function exercises a self-test during a single sweep on the screen.
3.
Plot and log data to files.
4.
Set up data logging parameters.
5.
Right click over Y-Axis to adjust scale and offset of the plot.
Figure 4. ADIS16003 and ADIS16006 Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9