Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8021 Fiches technique(PDF) 7 Page - Solid State Inc

No de pièce SM8021
Description  Compact 8 pin DIP/SMD package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOLIDSTATE [Solid State Inc]
Site Internet  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SM8021 Fiches technique(HTML) 7 Page - Solid State Inc

  SM8021 Datasheet HTML 1Page - Solid State Inc SM8021 Datasheet HTML 2Page - Solid State Inc SM8021 Datasheet HTML 3Page - Solid State Inc SM8021 Datasheet HTML 4Page - Solid State Inc SM8021 Datasheet HTML 5Page - Solid State Inc SM8021 Datasheet HTML 6Page - Solid State Inc SM8021 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 7 of 7
SM8021 /H/S/TR
Rev 2.00 (11/12/2013)
001722
SM8021
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
Note:
All weights above are in GRAMS, and include
packaging materials where applicable
Device
Single Unit
Full Tube
(50pcs)
Full Pouch
(10 tubes)
Full Reel
(1000pcs)
SM8021(-H)
0.54
43
450
-
SM8021-(H)S
0.53
42
440
-
SM8021-(H)STR
0.53
-
-
952
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO
reserves the right to make changes to product description, specifications at any time without further notices.
SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent
licenses nor indemnity are expressed or implied.
Except as specified in SSO’s Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other
warranty, expressed or implied, including merchantability and fitness for particular use.
DISCLAIMER
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or
death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all
damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be
reasonably expected to result in significant injury to the user, or (d) a critical component of a life support device or system whose failure can be
reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
LIFE SUPPORT POLICY
SM8021 Package Marking
SM8021 Package Weights
Date Code
Pin 1
SM8021
YYWW



Html Pages

1 2 3 4 5 6 7