| Moteur de recherche de fiches techniques de composants électroniques |
|
ES8680 Fiches technique(PDF) 1 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES8680 Fiches technique(HTML) 1 Page - ESS Technology,Inc |
|
1 / 2 page ![]() ESS Technology, Inc. SAM0647-032406 1 ESS Technology, Inc. ES8680 Phoenix LMX DVD Processor Product Brief The Phoenix™ LMX ES8680 family of processors are single-chip DVD processors with an integrated servo controller and RF amplifier. It provides standard DVD decoding with options to support MPEG-4 ASP decoding and DivX® Home Theater playback. A USB full-speed host controller is built-in for connection to thumb drives and memory card readers. Phoenix LMX ES8680 Based DVD Player Block Diagram Features Benefits Integrated servo controller and RF amplifier Simplifies system design while reducing system cost DivX Home Theater Profile decoding Displays DivX encoded video at full screen USB full speed host controller Enables interface to thumb drives and memory card readers Advanced memory architecture Decode DVD and MPEG4 video in 2 MB of SDRAM Phoenix™-LMX ES8680 208-PQFP VFD & REMOTE GÂ8uq /Z 5&4#/ (NCUJ USB FS Host CVBS S-Video Component L & R SPDIF out |
Numéro de pièce similaire - ES8680 |
|
Description similaire - ES8680 |