Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES7011F Fiches technique(PDF) 3 Page - ESS Technology,Inc

No de pièce ES7011F
Description  MPEG2 AV Encoder Prod uct Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES7011F Fiches technique(HTML) 3 Page - ESS Technology,Inc

  ES7011F Datasheet HTML 1Page - ESS Technology,Inc ES7011F Datasheet HTML 2Page - ESS Technology,Inc ES7011F Datasheet HTML 3Page - ESS Technology,Inc ES7011F Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES7010 AND ES7011 PRODUCT BRIEF
SAM0446-060302
3
Peripheral Connections
Figure 1 illustrates a typical application.
Part Number Differences Explained
The ES7010 and ES7011 are alike except that the ES7011 supports Dolby Digital Consumer Elec-
tronics (DDCE) audio encoding. Accordingly, Dolby Digital audio enabling software is only pro-
vided with the ES7011 product. To simplify writing and reading this document, the different part
numbers are not specified in text, illustrations, and tables. Everywhere the part number ES7010
appears, the information is valid for the ES7011 as well unless specifically noted otherwise. To
use the ES7011, a license from Dolby Laboratories Licensing Corporation is required.
License Requirements
Dolby is a trademark of the Dolby Laboratories. Supplying this implementation of Dolby Technol-
ogy does not convey a license or imply a right under any patent, or any other Industrial or Intel-
lectual Property Right of Dolby Laboratories, to use this implementation in any end-user or
ready-to-use final product. Companies planning to use this implementation in products must
obtain a license from Dolby Laboratories Licensing Corporation before designing such products.
Additional per-chip royalties may be required and are paid by the purchaser to Dolby Laborato-
ries, Inc. Details of the OEM Dolby Digital license may be obtained by writing to:
Dolby Laboratories Inc.
Dolby Laboratories Licensing Corporation
Attn: Intellectual Property Manager
100 Potrero Avenue
San Francisco, CA 94103-4813
Figure 2 Perpheral Connections
Video In
Audio In
NTSC/PAL
Decoder
ADC
Audio Out
Video Out
CPLD
SDRAM
Flash
SAM0446-06
IDE
Magnetic or
Optical Drive
DVD
ROM
SDRAM
ES7010
VibrattoTM



Html Pages

1 2 3 4