| Moteur de recherche de fiches techniques de composants électroniques |
|
ES7011 Fiches technique(PDF) 3 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES7011 Fiches technique(HTML) 3 Page - ESS Technology,Inc |
|
3 / 4 page ![]() ES7010 AND ES7011 PRODUCT BRIEF SAM0446-060302 3 Peripheral Connections Figure 1 illustrates a typical application. Part Number Differences Explained The ES7010 and ES7011 are alike except that the ES7011 supports Dolby Digital Consumer Elec- tronics (DDCE) audio encoding. Accordingly, Dolby Digital audio enabling software is only pro- vided with the ES7011 product. To simplify writing and reading this document, the different part numbers are not specified in text, illustrations, and tables. Everywhere the part number ES7010 appears, the information is valid for the ES7011 as well unless specifically noted otherwise. To use the ES7011, a license from Dolby Laboratories Licensing Corporation is required. License Requirements Dolby is a trademark of the Dolby Laboratories. Supplying this implementation of Dolby Technol- ogy does not convey a license or imply a right under any patent, or any other Industrial or Intel- lectual Property Right of Dolby Laboratories, to use this implementation in any end-user or ready-to-use final product. Companies planning to use this implementation in products must obtain a license from Dolby Laboratories Licensing Corporation before designing such products. Additional per-chip royalties may be required and are paid by the purchaser to Dolby Laborato- ries, Inc. Details of the OEM Dolby Digital license may be obtained by writing to: Dolby Laboratories Inc. Dolby Laboratories Licensing Corporation Attn: Intellectual Property Manager 100 Potrero Avenue San Francisco, CA 94103-4813 Figure 2 Perpheral Connections Video In Audio In NTSC/PAL Decoder ADC Audio Out Video Out CPLD SDRAM Flash SAM0446-06 IDE Magnetic or Optical Drive DVD ROM SDRAM ES7010 VibrattoTM |