Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES6218A Fiches technique(PDF) 5 Page - ESS Technology,Inc

No de pièce ES6218A
Description  Vibratto-S Automotive DVD Processor Product Brief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESS [ESS Technology,Inc]
Site Internet  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6218A Fiches technique(HTML) 5 Page - ESS Technology,Inc

  ES6218A Datasheet HTML 1Page - ESS Technology,Inc ES6218A Datasheet HTML 2Page - ESS Technology,Inc ES6218A Datasheet HTML 3Page - ESS Technology,Inc ES6218A Datasheet HTML 4Page - ESS Technology,Inc ES6218A Datasheet HTML 5Page - ESS Technology,Inc ES6218A Datasheet HTML 6Page - ESS Technology,Inc ES6218A Datasheet HTML 7Page - ESS Technology,Inc ES6218A Datasheet HTML 8Page - ESS Technology,Inc ES6218A Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ESS Technology, Inc.
SAM0575-021805
5
ES6218A PRODUCT BRIEF
ES6218A PIN DESCRIPTION
DCLK
105
I
Clock input to PLL.
UDAC
106
O
Video DAC output.
Y: Luma component for YUV and Y/C processing.
C: Chrominance signal for Y/C processing.
U: Chrominance component signal for YUV mode.
YUV0
O
YUV pixel 0 output data.
PIXOUT0
O
CCIR656 output pixel 0.
YUV1
107
O
YUV pixel 1 output data.
VREF
I
Internal voltage reference to video DAC. Bypass to ground with 0.1-
µF capacitor.
PIXOUT1
O
CCIR656 output pixel 1.
YUV2
108
O
YUV pixel 2 output data.
CDAC
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
PIXOUT2
O
CCIR656 output pixel 2.
YUV3
109
O
YUV pixel 3 output data.
COMP
I
Compensation input. Bypass to ADVEE with 0.1-
µF capacitor.
PIXOUT3
O
CCIR656 output pixel 3.
YUV4
110
O
YUV pixel 4 output data.
RSET
I
DAC current adjustment resistor input.
PIXOUT4
O
CCIR656 output pixel 4.
Table 1
ES6218A Pin Description (Continued)
Name
Pin Numbers
I/O
Definition
Value
Y DAC
(pin 113)
C DAC
(pin 108)
U DAC
(pin 106)
0Y
C
N/A
1
Y
C
CVBS2
2Y
C
N/A
3
N/A
N/A
CVBS2
4
N/A
N/A
N/A
5
Y
Pb
Pr
6
Y
Pb
Pr
7G
B
R
8
Y
Pb
Pr
9G
B
R
10
G
R
B
11
G
R
B
12
Y
Pr
Pb
13
Y
Pr
Pb
14
G
R
B



Html Pages

1 2 3 4 5 6 7 8 9 10