| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7LITEUSX Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITEUSX Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 108 page ![]() ST7LITEUSx 43/108 Figure 28. I/O Port General Block Diagram Table 12. I/O Port Mode Options Legend:NI - not implemented Off - implemented not activated On - implemented and activated DR DDR OR PAD VDD ALTERNATE ENABLE ALTERNATE OUTPUT 1 0 OR SEL DDR SEL DR SEL PULL-UP CONDITION P-BUFFER (see table below) N-BUFFER PULL-UP (see table below) 1 0 ANALOG INPUT If implemented ALTERNATE INPUT VDD DIODES (see table below) FROM OTHER BITS EXTERNAL SOURCE (eix) INTERRUPT POLARITY SELECTION CMOS SCHMITT TRIGGER REGISTER ACCESS Configuration Mode Pull-Up P-Buffer Diodes to VDD to VSS Input Floating with/without Interrupt Off Off On On Pull-up with/without Interrupt On Output Push-pull Off On Open Drain (logic level) Off 1 |