Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATTM01 Fiches technique(PDF) 17 Page - Analog Microelectronics

No de pièce ATTM01
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Fiches technique(HTML) 17 Page - Analog Microelectronics

Back Button ATTM01 Datasheet HTML 10Page - Analog Microelectronics ATTM01 Datasheet HTML 11Page - Analog Microelectronics ATTM01 Datasheet HTML 12Page - Analog Microelectronics ATTM01 Datasheet HTML 13Page - Analog Microelectronics ATTM01 Datasheet HTML 14Page - Analog Microelectronics ATTM01 Datasheet HTML 15Page - Analog Microelectronics ATTM01 Datasheet HTML 16Page - Analog Microelectronics ATTM01 Datasheet HTML 17Page - Analog Microelectronics ATTM01 Datasheet HTML 18Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AME, Inc.
17
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
11. Package Dimension
MSOP-8
MIN
MAX
MIN
MAX
A
-
1.07
-
0.04197
A1
0.05
0.20
0.002
0.008
A2
0.81
0.92
0.032
0.036
b
0.28
0.38
0.011
0.015
b1
0.28
0.33
0.011
0.013
c
0.13
0.23
0.005
0.009
c1
0.13
0.17
0.005
0.006
D
2.90
3.10
0.114
0.122
E
4.77
4.98
0.188
0.196
E1
2.90
3.10
0.114
0.122
e
e1
L
0.406
0.686
0.01598 0.02701
L1
L2
θ
0
o
8
o
0
o
8
o
SYMBOLS
MILLIMETERS
INCHES
0.65 TYP
0.0255 TYP
1.95 TYP
0.0767 TYP
0.94 REF
0.037 REF
0.010 TYP
0.254 TYP
WITH PLATING
BASE METAL
e
R0.127(0.005) TYP
ALL CORNER
& EDGES
TOP PKG.
Top View
Front View
End View
E
E1
PIN 1 I.D
(SHINNY SURFACE)
D
e1
BTM PKG.
L
L1
L2
DETAIL A
b
A1
A2
A
b
b1
c1
c
B
SECTION B-B
E1
B
See Detail A
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18