Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H563RG Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STM32H563RG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H563RG Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STM32H563RG Datasheet HTML 76Page - STMicroelectronics STM32H563RG Datasheet HTML 77Page - STMicroelectronics STM32H563RG Datasheet HTML 78Page - STMicroelectronics STM32H563RG Datasheet HTML 79Page - STMicroelectronics STM32H563RG Datasheet HTML 80Page - STMicroelectronics STM32H563RG Datasheet HTML 81Page - STMicroelectronics STM32H563RG Datasheet HTML 82Page - STMicroelectronics STM32H563RG Datasheet HTML 83Page - STMicroelectronics STM32H563RG Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 270 page
background image
L9
18
29
K2
34
N3
11
18
29
H5
35
M5
11
PC3
I/O
FT_a
-
PWR_CSTOP, SAI1_D3,
LPTIM3_CH1,
SPI2_MOSI/I2S2_SDO,
OCTOSPI1_IO6, OCTOSPI1_IO0,
ETH_MII_TX_CLK,
FMC_SDCKE0, EVENTOUT
ADC12_INP13,
ADC12_INN12
G1
-
-
-
35
H4
-
-
30
M1
36
G3
-
VDD
S
-
-
-
-
P2
-
-
H2
-
K1
-
-
-
M2
-
G2
-
VSS
S
-
-
-
-
N9
19
30
L1
36
M2
12
19
31
K2
37
M1
12
VSSA
S
-
-
-
-
-
-
-L2-
N2
-20
-
K1
-
N1
-
VREF-
S
-
-
-
-
-
20
31
M2
37
N1
-
21
32
L2
38
P1
-
VREF+
S
-
-
-
-
P10
21
32M138
M113
22
33
L1
39
R1
13
VDDA
S
-
-
-
-
K8
22
33
K3
39
P2
14
23
34
J4
40
N3
14
PA0
I/O
FT_at
(5)
TIM2_CH1, TIM5_CH1,
TIM8_ETR, TIM15_BKIN,
SPI6_NSS, SPI3_RDY,
USART2_CTS/USART2_NSS,
UART4_TX, SDMMC2_CMD,
SAI2_SD_B, ETH_MII_CRS,
TIM2_ETR, EVENTOUT
ADC12_INP0, ADC12_INN1,
TAMP_IN2/TAMP_OUT1,
WKUP1
J7
23
34
H5
40
L3
15
24
35
J5
41
N2
15
PA1
I/O
FT_aht
(5)
TIM2_CH2, TIM5_CH2,
TIM15_CH1N, LPTIM1_IN1,
OCTOSPI1_DQS,
USART2_RTS/USART2_DE,
UART4_RX, OCTOSPI1_IO3,
SAI2_MCLK_B,
ETH_MII_RX_CLK/ETH_RMII_RE
F_CLK, EVENTOUT
ADC12_INP1,
TAMP_IN5/TAMP_OUT4
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More