Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562ZI Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce STM32H562ZI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562ZI Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button STM32H562ZI Datasheet HTML 81Page - STMicroelectronics STM32H562ZI Datasheet HTML 82Page - STMicroelectronics STM32H562ZI Datasheet HTML 83Page - STMicroelectronics STM32H562ZI Datasheet HTML 84Page - STMicroelectronics STM32H562ZI Datasheet HTML 85Page - STMicroelectronics STM32H562ZI Datasheet HTML 86Page - STMicroelectronics STM32H562ZI Datasheet HTML 87Page - STMicroelectronics STM32H562ZI Datasheet HTML 88Page - STMicroelectronics STM32H562ZI Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 270 page
background image
M4
38
60
L8
70
R10
-
41
63
H8
73
R9
-
PE10
I/O
FT_ah
-
TIM1_CH2N, UART12_TX,
UART7_CTS, OCTOSPI1_IO7,
FMC_D7/FMC_AD7, EVENTOUT
-
-
39
61
M8
71
P10
-
42
64
M8
74
P10
-
PE11
I/O
FT_ah
-
TIM1_CH2, SPI1_RDY,
SPI4_NSS, OCTOSPI1_NCS,
SAI2_SD_B, FMC_D8/FMC_AD8,
EVENTOUT
-
-
40
62
M9
72
R11
-
43
65
K8
75
R10
-
PE12
I/O
FT_h
-
TIM1_CH3N, SPI4_SCK,
SAI2_SCK_B,
FMC_D9/FMC_AD9, EVENTOUT
-
-
41
63
K8
73
P11
-
4466
L976
N11
-
PE13
I/O
FT_h
-
TIM1_CH3, SPI4_MISO,
SAI2_FS_B,
FMC_D10/FMC_AD10,
EVENTOUT
-
-
42
64J9
74
N10
-
45
67J877
P11
-
PE14
I/O
FT_h
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCLK_B,
FMC_D11/FMC_AD11,
EVENTOUT
-
-
43
65
L9
75
N11
-
46
68
N9
78
R11
-
PE15
I/O
FT_h
-
TIM1_BKIN, TIM1_CH4N,
USART10_CK,
FMC_D12/FMC_AD12,
EVENTOUT
-
P4
44
66
K9
76
M10
29
47
69
K9
79
R12
29
PB10
I/O
FT_f
-
TIM2_CH3, LPTIM3_CH1,
LPTIM2_IN1, I2C2_SCL,
SPI2_SCK/I2S2_CK,
USART3_TX, OCTOSPI1_NCS,
ETH_MII_RX_ER, EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com