Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 264 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 264 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 260Page - STMicroelectronics STM32H562RI Datasheet HTML 261Page - STMicroelectronics STM32H562RI Datasheet HTML 262Page - STMicroelectronics STM32H562RI Datasheet HTML 263Page - STMicroelectronics STM32H562RI Datasheet HTML 264Page - STMicroelectronics STM32H562RI Datasheet HTML 265Page - STMicroelectronics STM32H562RI Datasheet HTML 266Page - STMicroelectronics STM32H562RI Datasheet HTML 267Page - STMicroelectronics STM32H562RI Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 270 page
background image
Package information
STM32H562xx and STM32H563xx
264/270
DS14258 Rev 5
6.10
Package thermal characteristics
The maximum chip-junction temperature, TJmax in degrees Celsius, can be calculated using
the following equation:
TJmax = TAmax + (PDmax × ΘJA)
Where:
•
TAmax is the maximum ambient temperature in °C,
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W,
•
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax),
•
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
PI/Omax represents the maximum power dissipation on output pins:
PI/Omax = Σ (VOL × IOL) + Σ((VDD – VOH) × IOH),
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high level in the
application.
Table 140. Package thermal characteristics
Symbol
Definition
Parameter
Value
Unit
ΘJA
Thermal resistance
junction-ambient
LQFP64 (10 x 10 mm)
48.1
°C/W
VFQFPN68 (8 x 8 mm)
24.2
WLCSP80 (3.50 x 3.27 mm)
47.3
LQFP100 (14 x 14 mm)
35.9
LQFP144 (20 x 20 mm)
37.5
LQFP176 (24 x 24 mm)
38.3
UFBGA169 (7 x 7 mm)
40.6
UFBGA176 (10 x 10 mm)
39.1
ΘJB
Thermal resistance
junction-board
LQFP64 (10 x 10 mm)
24.1
°C/W
VFQFPN68 (8 x 8 mm)
9.4
WLCSP80 (3.50 x 3.27 mm)
23.0
LQFP100 (14 x 14 mm)
21.9
LQFP144 (20 x 20 mm)
26.3
LQFP176 (24 x 24 mm)
28.3
UFBGA169 (7 x 7 mm)
26.4
UFBGA176 (10 x 10 mm)
27.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com