Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 227 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 227 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 223Page - STMicroelectronics STM32H562RI Datasheet HTML 224Page - STMicroelectronics STM32H562RI Datasheet HTML 225Page - STMicroelectronics STM32H562RI Datasheet HTML 226Page - STMicroelectronics STM32H562RI Datasheet HTML 227Page - STMicroelectronics STM32H562RI Datasheet HTML 228Page - STMicroelectronics STM32H562RI Datasheet HTML 229Page - STMicroelectronics STM32H562RI Datasheet HTML 230Page - STMicroelectronics STM32H562RI Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 270 page
background image
DS14258 Rev 5
227/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 67. I2S master timing diagram (Philips protocol)(1)
1. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
USB full speed (FS) characteristics
The USB interface is fully compliant with the USB specification version 2.0.
Table 117. USB DC electrical characteristics
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1) Unit
VDD
USB full speed transceiver operating voltage
-
3.0(2)
-3.6
V
VDI(3)
Differential input sensitivity
Over VCM range
0.2
-
-
V
VCM(3) Differential input common mode range
Includes VDI range
0.8
-
2.5
VSE(3) Single ended receiver input threshold
-
0.8
-
2.0
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V(4)
--
0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6
RPD(3)
Pull down resistor on PA11, PA12
(USB_DP/DM)
VIN = VDD
14.25
-
24.8
kΩ
RPU(3)
Pull-up resistor on PA12 (USB_DP)
VIN = VSS, during idle
0.9
1.25
1.575
Pull-up resistor on PA12 (USB_DP)
VIN = VSS during reception 1.425 2.25
3.09
1. All the voltages are measured from the local ground potential.
2. The USB full speed transceiver functionality is ensured down to 2.7 V but not the full USB full speed electrical
characteristics, which are degraded in the 2.7-to-3.0 V VDD voltage range.
3. Specified by design - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com