Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 212 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 212 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 208Page - STMicroelectronics STM32H562RI Datasheet HTML 209Page - STMicroelectronics STM32H562RI Datasheet HTML 210Page - STMicroelectronics STM32H562RI Datasheet HTML 211Page - STMicroelectronics STM32H562RI Datasheet HTML 212Page - STMicroelectronics STM32H562RI Datasheet HTML 213Page - STMicroelectronics STM32H562RI Datasheet HTML 214Page - STMicroelectronics STM32H562RI Datasheet HTML 215Page - STMicroelectronics STM32H562RI Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
212/270
DS14258 Rev 5
IDDV(DAC)
DAC consumption from
VREF+
DAC output buffer
ON
No load,
middle
code
(0x800)
-170
-
µA
No load,
worst code
(0xF1C)
-170
-
DAC output buffer
OFF
No load,
middle/
worst code
(0x800)
-160
-
Sample and Hold mode, buffer ON,
CSH = 100 nF (worst code)
-
170*TON/
(TON+TOFF)(5)
-
Sample and Hold mode, buffer
OFF, CSH = 100 nF (worst code)
-
160*TON/
(TON+TOFF)(5)
-
1. Specified by design - Not tested in production, unless otherwise specified.
2. In buffered mode, the output can overshoot above the final value for low input code (starting from the minimum value).
3. DACx_OUT pin is not connected externally (internal connection only).
4. Refer to Table 58.
5. TON is the refresh phase duration, TOFF is the hold phase duration. Refer to the reference manual for more details.
Table 98. DAC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 99. DAC accuracy(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non
linearity(2)
DAC output buffer ON
−2-
2
LSB
DAC output buffer OFF
−2-
2
-
Monotonicity
10 bits
-
-
-
-
INL
Integral non linearity(3)
DAC output buffer ON,
CL≤50 pF, RL≥5 kΩ
−4-
4
LSB
DAC output buffer OFF,
CL ≤ 50 pF, no RL
−4-
4
Offset
Offset error at code
0x800 (3)
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
VREF+ = 3.6 V
-
-
±12
VREF+ = 1.8 V
-
-
±25
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±8
Offset1
Offset error at code
0x001(4)
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±5
OffsetCal
Offset error at code
0x800 after factory
calibration
DAC output buffer ON,
CL≤50 pF, RL ≥5 kΩ
VREF+ = 3.6 V
-
-
±5
VREF+ = 1.8 V
-
-
±7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com