Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 203 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 203 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 199Page - STMicroelectronics STM32H562RI Datasheet HTML 200Page - STMicroelectronics STM32H562RI Datasheet HTML 201Page - STMicroelectronics STM32H562RI Datasheet HTML 202Page - STMicroelectronics STM32H562RI Datasheet HTML 203Page - STMicroelectronics STM32H562RI Datasheet HTML 204Page - STMicroelectronics STM32H562RI Datasheet HTML 205Page - STMicroelectronics STM32H562RI Datasheet HTML 206Page - STMicroelectronics STM32H562RI Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 270 page
background image
DS14258 Rev 5
203/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.23
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 95 are derived from tests
performed under the ambient temperature, fHCLK frequency, and VDDA supply voltage
conditions summarized in Table 20.
Table 95. 12-bit ADC characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage for
ADC ON
-1.62
-
3.6
V
VREF+
Positive
reference
voltage
-
1.62
-
VDDA
VREF-
Negative
reference
voltage
-
VSSA
fadc_ker_ck(3)
Clock
frequency
1.62 V ≤ VDDA ≤ 3.6 V
1.5
-
75
MHz
fS(4) with
RAIN = 47 Ω
and
CPCB = 22 pF
Sampling rate
for fast
channels
(VIN[0:5])
Resolution
= 12 bits
Continuous
mode
1.8V ≤ VDDA ≤ 3.6V
-40°C ≤ TJ ≤ 130°C
fadc_ker_ck
= 75 MHz
SMP
=2.5
-5.00-
MSPS
1.6V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 70 MHz
-
4.66
-
Single or
Discontinuous
mode
2.4V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 60 MHz
-
4.00
-
1.6V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 50 MHz
-
3.33
-
Resolution
= 10 bits
Continuous
mode
1.6V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 75 MHz
-
5.77
-
Single or
Discontinuous
mode
2.4V ≤ VDDA ≤ 3.6V
-
5.77
-
1.6V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 65 MHz
-
5.00
-
Resolution
= 8 bits
All modes
1.6V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 75 MHz
-
6.82
-
Resolution
= 6 bits
-
8.33
-
Sampling rate
for slow
channels
Resolution
= 12 bits
All modes(5)
1.6V ≤ VDDA ≤ 3.6V
fadc_ker_ck
= 35 MHz
-
2.30
-
Resolution
= 10 bits
-
2.70
-
Resolution
= 8 bits
fadc_ker_ck
= 50 MHz
-
4.50
-
Resolution
= 6 bits
fadc_ker_ck
= 50 MHz
-
5.50
-
tTRIG
External trigger
period
Resolution = 12 bits
-
-
15
1/fadc_ker_ck
VAIN(2)
Conversion
voltage range
-
0
-
VREF+
V
VCMIV
Common
mode input
voltage
-
VREF / 2
− 10%
VREF / 2
VREF / 2
+ 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com