Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 197 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 197 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 193Page - STMicroelectronics STM32H562RI Datasheet HTML 194Page - STMicroelectronics STM32H562RI Datasheet HTML 195Page - STMicroelectronics STM32H562RI Datasheet HTML 196Page - STMicroelectronics STM32H562RI Datasheet HTML 197Page - STMicroelectronics STM32H562RI Datasheet HTML 198Page - STMicroelectronics STM32H562RI Datasheet HTML 199Page - STMicroelectronics STM32H562RI Datasheet HTML 200Page - STMicroelectronics STM32H562RI Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 270 page
background image
DS14258 Rev 5
197/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Table 90. OCTOSPI characteristics in DTR mode (with DQS) / HyperBus(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCLK
OCTOSPI clock frequency
1.71 V < VDD < 1.9 V,
CL = 15 pF
-
-
125(3)(4)
MHz
2.7 V < VDD < 3.6 V,
CL = 15 pF
-
-
125(3)(5)
tw(CLKH)
OCTOSPI clock
high and low time
PRESCALER[7:0] = n
= (0, 1, 3, 5, …, 255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
tw(CLKH)
OCTOSPI clock
high and low time
PRESCALER[7:0] = n
= (2, 4, 6, 8, …, 254)
(n/2)*t(CLK)/
(n+1) - 0.5
-
(n/2)*t(CLK)/
(n+1) + 0.5
tw(CLKL)
(n/2+1)*t(CLK)/
(n+1) - 0.5
-
(n/2+1)*t(CLK)/
(n+1) + 0.5
tv(CLK)
Clock valid time
-
-
-
t(CLK) + 2
th(CLK)
Clock hold time
-
t(CLK)/2 - 1
-
-
tODr(CLK)(5)
CLK, NCLK crossing level
on CLK rising edge
VDD = 1.8 V
890
-
1300
mV
tODf(CLK)(5)
CLK, NCLK crossing level
on CLK falling edge
VDD = 1.8 V
790
-
1080
tw(CS)
Chip select high time
-
3 * t(CLK)
--
ns
tv(DQ)
Data input valid time
-
3
-
-
tv(DS)
Data strobe input valid time
-
1
-
-
th(DS)
Data strobe input hold time
-
0
-
-
tv(RWDS)
Data strobe output valid time
-
-
-
3 * t(CLK)
tsr(DQ),
tsf(DQ)
Data input setup time
-
-0.5
-
-
ns
thr(DQ),
thf(DQ)
Data input hold time
-
2
-
-
tvr(OUT)
tvf(OUT)
Data output valid time
DHQC = 0
-
2.5
3.5
DHQC = 1, all
prescaler values
except 0
-
t(CLK)/4
+ 0.5
t(CLK)/4 + 1
thr(OUT)
thf(OUT)
Data output hold time
DHQC = 0
1.5
-
-
DHQC = 1, all
prescaler values
except 0
t(CLK)/4 - 1
-
-
1. Evaluated by characterization - Not tested in production.
2. Delay block activated.
3. Maximum frequency value are given for a maximum RWDS to DQ skew of ± 1.0 ns.
4. DHQC must be set to reach the mentioned frequency.
5. It is recommended that PF10/PB5, PB4/PB5 and PA3/PB5 are in line with crossing specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com