Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 191 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 191 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 187Page - STMicroelectronics STM32H562RI Datasheet HTML 188Page - STMicroelectronics STM32H562RI Datasheet HTML 189Page - STMicroelectronics STM32H562RI Datasheet HTML 190Page - STMicroelectronics STM32H562RI Datasheet HTML 191Page - STMicroelectronics STM32H562RI Datasheet HTML 192Page - STMicroelectronics STM32H562RI Datasheet HTML 193Page - STMicroelectronics STM32H562RI Datasheet HTML 194Page - STMicroelectronics STM32H562RI Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 270 page
background image
DS14258 Rev 5
191/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 44. NAND controller waveforms for common memory write access
SDRAM waveforms and timings
In all timing tables, the tfmc_ker_ck is the fHCLK clock period, with the following FMC_SDCLK
maximum values:
Table 82. Switching characteristics for NAND flash read cycles(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FMC_NOE low width
4Tfmc_ker_ck - 0.5
4Tfmc_ker_ck+ 0.5
ns
tsu(D-NOE)
FMC_D[15-0] valid data before
FMC_NOE high
11
-
th(NOE-D)
FMC_D[15-0] valid data after
FMC_NOE high
0-
td(ALE-NOE) FMC_ALE valid before FMC_NOE low
-
3Tfmc_ker_ck + 0.5
th(NOE-ALE) FMC_NWE high to FMC_ALE invalid
4Tfmc_ker_ck - 1.5
-
Table 83. Switching characteristics for NAND flash write cycles(1)
1. Evaluated by characterization - Not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4Tfmc_ker_ck – 0.5 4Tfmc_ker_ck + 0.5
ns
tv(NWE-D) FMC_NWE low to FMC_D[15-0] valid
0
-
th(NWE-D) FMC_NWE high to FMC_D[15-0] invalid
2Tfmc_ker_ck + 0.5
-
td(D-NWE) FMC_D[15-0] valid before FMC_NWE high 5Tfmc_ker_ck - 2.5
-
td(ALE-NWE) FMC_ALE valid before FMC_NWE low
-
3Tfmc_ker_ck + 0.5
th(NWE-ALE) FMC_NWE high to FMC_ALE invalid
2Tfmc_ker_ck - 1
-
MS32770V1
tw(NWE)
th(NWE-D)
tv(NWE-D)
FMC_NWE
FMC_N OE
FMC_D[15:0]
td(D-NWE)
ALE (FMC_A17)
CLE (FMC_A16)
FMC_NCEx
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com