Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 175 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 175 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 171Page - STMicroelectronics STM32H562RI Datasheet HTML 172Page - STMicroelectronics STM32H562RI Datasheet HTML 173Page - STMicroelectronics STM32H562RI Datasheet HTML 174Page - STMicroelectronics STM32H562RI Datasheet HTML 175Page - STMicroelectronics STM32H562RI Datasheet HTML 176Page - STMicroelectronics STM32H562RI Datasheet HTML 177Page - STMicroelectronics STM32H562RI Datasheet HTML 178Page - STMicroelectronics STM32H562RI Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 270 page
background image
DS14258 Rev 5
175/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Figure 32. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 58, otherwise the reset is not taken into account by the device.
5.3.17
Extended interrupt and event controller input (EXTI) characteristics
The pulse on the interrupt input must have a minimal length to ensure its detection by the
event controller.
5.3.18
FMC characteristics
Unless otherwise specified, the parameters given in tables 70 to 83 are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
conditions summarized in Table 20, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 VDD
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0
Table 68. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPU(2)
Weak pull-up equivalent resistor(1)
1. The pull-up is designed with a true resistance in series with a switchable PMOS. The PMOS contribution to
the series resistance is minimum (~10 % order)
.
VIN = VSS
30
40
50
kΩ
VF(NRST)(2)
2. Specified by design - Not tested in production.
NRST input filtered pulse
1.71 V < VDD < 3.6 V
-
-
50
ns
VNF(NRST)(2) NRST input not filtered pulse
1.71 V < VDD < 3.6 V 350
-
-
ai14132d
STM32
RPU
NRST(2)
VDD
Filter
Internal Reset
0.1 μF
External
reset circuit (1)
Table 69. EXTI input characteristics(1)
1.
Specified by design - Not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PLEC
Pulse length to event controller
-
20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com