Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 163 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 163 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 159Page - STMicroelectronics STM32H562RI Datasheet HTML 160Page - STMicroelectronics STM32H562RI Datasheet HTML 161Page - STMicroelectronics STM32H562RI Datasheet HTML 162Page - STMicroelectronics STM32H562RI Datasheet HTML 163Page - STMicroelectronics STM32H562RI Datasheet HTML 164Page - STMicroelectronics STM32H562RI Datasheet HTML 165Page - STMicroelectronics STM32H562RI Datasheet HTML 166Page - STMicroelectronics STM32H562RI Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 270 page
background image
DS14258 Rev 5
163/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Table 59. Output voltage characteristics for all I/Os except PC13, PC14, PC15, and PI8
Symbol
Parameter
Conditions(1)
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2), IIO = 8 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
V
VOH
Output high level voltage
CMOS port(2), IIO = -8 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD− 0.4
-
VOL(3)
Output low level voltage
TTL port(2), IIO = 8 mA
2.7 V ≤ VDD ≤ 3.6 V
-0.4
VOH(3)
Output high level voltage
TTL port(2), IIO = -8 mA
2.7 V ≤ VDD ≤ 3.6 V
2.4
-
VOL(3)
Output low level voltage
IIO = 20 mA
2.7 V ≤ VDD ≤ 3.6 V
-1.3
VOH(3)
Output high level voltage
IIO = -20 mA
2.7 V ≤ VDD ≤ 3.6 V
VDD - 1.3
-
VOL(3)
Output low level voltage
IIO = 4 mA
1.71 V ≤ VDD ≤ 3.6 V
-0.4
VOH (3)
Output high level voltage
IIO = -4 mA
1.71 V ≤ VDD <3.6 V
VDD - 0.4
-
VOL(3)
Output low level voltage
IIO = 2 mA
1.08 V ≤ VDD ≤ 1.32 V
-
0.3 VDDIO2
VOH (3)
Output high level voltage
IIO = -2 mA
1.71 V ≤ VDD < 1.32 V
0.7 VDDIO2
-
VOLFM+(3)
Output low level voltage for
an FTf I/O pin in (FT I/O with
“f” option)
IIO = 20 mA
2.3 V≤ VDD ≤3.6 V
-0.4
IIO = 10 mA
1.71 V ≤ VDD ≤ 3.6 V
-0.4
IIO = 4.5 mA
1.08 V ≤ VDD ≤ 3.6 V
-0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 17, and
the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the absolute
maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Specified by design - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com