Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 156 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 156 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 152Page - STMicroelectronics STM32H562RI Datasheet HTML 153Page - STMicroelectronics STM32H562RI Datasheet HTML 154Page - STMicroelectronics STM32H562RI Datasheet HTML 155Page - STMicroelectronics STM32H562RI Datasheet HTML 156Page - STMicroelectronics STM32H562RI Datasheet HTML 157Page - STMicroelectronics STM32H562RI Datasheet HTML 158Page - STMicroelectronics STM32H562RI Datasheet HTML 159Page - STMicroelectronics STM32H562RI Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
156/270
DS14258 Rev 5
5.3.11
Memory characteristics
Flash memory
The characteristics are given at TJ = -40 to 130 °C unless otherwise specified.
The devices are shipped to customers with the flash memory erased.
Jitter
Cycle-to-cycle jitter
fVCO_OUT = 150 MHz
-
-
60
-
±ps
fVCO_OUT = 200 MHz
-
-
40
-
fVCO_OUT = 400 MHz
-
-
18
-
fVCO_OUT = 420 MHz
-
-
15
-
Period jitter
fVCO_OUT = 150 MHz
fPLL_OUT =
50 MHz
-75
-
fVCO_OUT = 400 MHz
-
25
-
Long term jitter
Normal mode fVCO_OUT = 400 MHz
-
±0.2
-
%
IDD(PLL)
PLL power consumption on
VDD
fVCO_OUT = 420 MHz
VDD
-
275
360
μA
VCORE
-450
-
fVCO_OUT = 150 MHz
VDD
-
160
240
VCORE
-165
-
1. Specified by design - Not tested in production, unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation.
3. Evaluated by characterization - Not tested in production.
Table 49. PLL characteristics (medium VCO frequency range) (continued)
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
Table 50. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
1. Specified by design - Not tested in production
Unit
IDD
Supply current
Word program(2)
2. Data are evaluated with a write of 50% of the programmed bits equal to 0.
-2.5
3.6
mA
Sector erase
-
1.8
4
Mass erase
-
2.0
4
Table 51. Flash memory programming(1)
Symbol
Parameter
Conditions
Min(2)
Typ
Max(1)
Unit
tprog
Word program time
128 bits (user area)
-
31
100
µs
16 bits (OTP area)
-
31
100
tERASE
Sector erase time (8 Kbytes)
-
2
10
ms
tME
Mass erase time
-
0.512
2.6
s
tBE
Bank erase time
-
0.256
1.3
Vprog
Programming voltage
1.71
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com