Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 135 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 135 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 131Page - STMicroelectronics STM32H562RI Datasheet HTML 132Page - STMicroelectronics STM32H562RI Datasheet HTML 133Page - STMicroelectronics STM32H562RI Datasheet HTML 134Page - STMicroelectronics STM32H562RI Datasheet HTML 135Page - STMicroelectronics STM32H562RI Datasheet HTML 136Page - STMicroelectronics STM32H562RI Datasheet HTML 137Page - STMicroelectronics STM32H562RI Datasheet HTML 138Page - STMicroelectronics STM32H562RI Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 270 page
background image
DS14258 Rev 5
135/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
5.3.6
Embedded reference voltage
The parameters given in Table 26 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 20.
5.3.7
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
All the run-mode current consumption measurements given in this section are performed
with a CoreMark code.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode.
Table 26. Embedded reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltage
-40 °C < TJ < +130 °C 1.180 1.216 1.255
V
tS_vrefint(2)(3)
ADC sampling time when reading the
internal reference voltage
-4.3
-
-
µs
tS_vbat
VBAT sampling time when reading the
internal VBAT voltage
9-
-
tstart_vrefint(3)
Start time of reference voltage buffer
when the ADC is enabled
--
-
4.4
Irefbuf(3)
Reference buffer consumption for ADC VDD = 3.3 V
9
13.5
23
µA
∆VREFINT(3)
Internal reference voltage spread over
the temperature range
-40 °C < TJ < +130 °C
-
5
15
mV
TCoeff
Average temperature coefficient
Average temperature
coefficient
-20
70
ppm/°C
VDDcoeff
Average voltage coefficient
3.0 V < VDD < 3.6 V
-
10
1370
ppm/V
VREFINT_DIV1(3) 1/4 reference voltage
-
-25-
%VREFINT
VREFINT_DIV2(3) 1/2 reference voltage
-
50
-
VREFINT_DIV3(3) 3/4 reference voltage
-
75
-
1. VREFINT does not take into account package and soldering effects.
2. The shortest sampling time for the application can be determined by multiple iterations.
3. Specified by design - Not tested in production.
Table 27. Internal reference voltage calibration value
Symbol
Parameter
Memory address
VREFINT_CAL
Raw data acquired at 30 °C, VDDA = 3.3 V
0x08FF F810 - 0x08FF F811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com