Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562RI Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce STM32H562RI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562RI Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button STM32H562RI Datasheet HTML 120Page - STMicroelectronics STM32H562RI Datasheet HTML 121Page - STMicroelectronics STM32H562RI Datasheet HTML 122Page - STMicroelectronics STM32H562RI Datasheet HTML 123Page - STMicroelectronics STM32H562RI Datasheet HTML 124Page - STMicroelectronics STM32H562RI Datasheet HTML 125Page - STMicroelectronics STM32H562RI Datasheet HTML 126Page - STMicroelectronics STM32H562RI Datasheet HTML 127Page - STMicroelectronics STM32H562RI Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
124/270
DS14258 Rev 5
Caution:
Each power supply pair must be decoupled with filtering ceramic capacitors as shown
above. These capacitors must be placed as close as possible to or below the appropriate
pins on the underside of the PCB to ensure the good functionality of the device. It is not
recommended to remove filtering capacitors to reduce PCB size or cost. This might cause
incorrect operation of the device.
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 17, Table 18, and Table 19
may cause permanent damage to the device. These are stress ratings only and the
functional operation of the device at these conditions is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability. Device mission profile
(application conditions) is compliant with JEDEC JESD47 Qualification Standard, extended
mission profiles are available on demand.
Table 17. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDx - VSS
External main supply voltage (including
VDDSMPS(2), VDDA, VDDUSB, VDDIO2(2)(3)(4),
VBAT, and VREF+)
-0.3
4.0
V
VDDIOx(4) -
VSS
I/O supply when HSLV(2) = 0
-0.3
4.0
V
I/O supply when HSLV(2) = 1
-0.3
2.75
VIN(5)
Input voltage on FT_xxx pins except FT_c pins VSS - 0.3
min (min(VDD, VDDA, VDDUSB,
VDDIO2) + 4.0, 6.0 V)(6)(7)
V
Input voltage on FT_t in VBAT mode
VSS - 0.3
min (min(VBAT, VDDA, VDDUSB,
VDDIO2) + 4.0V, 6.0 V)
V
Input voltage on TT_xx pins
VSS - 0.3
4.0
Input voltage on BOOT0 pin
VSS
min (min(VDD, VDDA, VDDUSB,
VDDIO2) + 4.0, 6.0 V)(6)
Input voltage on FT_c pins
VSS - 0.3
5.5
Input voltage on any other pins
VSS - 0.3
4.0
VREF+-VDDA Allowed voltage difference for VREF+ > VDDA
-0.4
|∆VDDx|
Variations between different VDDX power pins
of the same domain
-50.0
mV
|VSSx-VSS|
Variations between all the different ground pins
-
50.0
1. All main power (VDD, VDDA, VDDUSB, VDDIO2, VREF+, VDDSMPS, VBAT) and ground (VSS, VSSA) pins must always
be connected to the external power supply, in the permitted range.
2. HSLV = High-speed low-voltage mode. Refer to General-purpose I/Os (GPIO) section of RM0481.
3. If HSLV = 0.
4. VDDIO1 or VDDIO2. VDDIO1 = VDD.
5. VIN maximum must always be respected. Refer to the maximum allowed injected current values.
6. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
7. This formula must be applied on power supplies related to the I/O structure described by the pin definition table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com