Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASPIAIG-F4030-R47M-T Fiches technique(PDF) 3 Page - Abracon Corporation

No de pièce ASPIAIG-F4030-R47M-T
Description  Molded SMD Power Inductor (AEC-Q200 Grade 0)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPIAIG-F4030-R47M-T Fiches technique(HTML) 3 Page - Abracon Corporation

  ASPIAIG-F4030-R47M-T Datasheet HTML 1Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 2Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 3Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 4Page - Abracon Corporation ASPIAIG-F4030-R47M-T Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 04-25-23
For terms and conditions of sales, please visit:
www.abracon.com
Molded SMD Power Inductor (AEC-Q200 Grade 0)
ASPIAIG-F4030
4.1 x 4.1 x 2.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Components
Material
Core
Alloy Powder
Wire
Polyester Wire
Electrode
Cu/Ni/Sn
Coating
Epoxy
Marking
Ink
Materials



Html Pages

1 2 3 4 5