Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TAS5747 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce TAS5747
Description  Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TAS5747 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TAS5747 Datasheet HTML 3Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 9Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 10Page - List of Unclassifed Manufacturers TAS5747 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
TC5747 Data Sheet
Single Chip CMOS Imager
TransChip ©
1
1.
Introduction
The TC5747 is a single chip VGA (640 lines over 480 pixels) color CMOS sensor with an integrated color
processing and JPEG codec. It is designed to meet the requirements of cellular devices with low power
consumption and miniature size. An embedded programmable core with dedicated hardware performs the
extensive color processing. An embedded real-time JPEG encoder and compressed frames SRAM store
JPEG images on chip. The TC5747 has flexible interfaces and supports multiple video output formats for
easy integration into cellular phones. It supports a 16-bit host interface for fast data access and control.
1.1 Features
The TC5747 features a state-of-the-art architecture, allowing extremely low power consumption and
miniature size. The following are the product highlights.
Sensor Array
1/4" optical format
VGA resolution 640x480
5µm x 5µm square pixels
Integrated 10 Bit ADC
RGB mosaic with micro-lens for high sensitivity
Double sampling for fixed pattern noise reduction
Separate gains for R, G and B
Programmable frame rate up to 20 fps VGA and 40 fps QVGA
Programmable window size and filtered-option sub-sampling
Image processing
Embedded Image Signal Processor (ISP)
Embedded micro controller with program memory
Faulty pixel mechanism
Loadable gamma correction tables
Automatic white balance
Automatic exposure control
Despeckle function
Enhanced dynamic range for backlight illumination
Programmable 3x3 color correction matrix
Programmable 3x3 sharpening or blurring matrix
Anti flicker for 50Hz and 60 Hz
Horizontal and vertical inversion
Digital zoom of 4X, 2X
Color adjustments such as: brightness, contrast, saturation
Digital effects, such as monochrome, negative, sepia
Frame or stamp overlay on the captured image (up to 320x240)
Down sampling by 2x, 3x, 4x, 5x, 6x, 7x, 8x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com