Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2131 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce LPC2131
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2131 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button LPC2131 Datasheet HTML 10Page - NXP Semiconductors LPC2131 Datasheet HTML 11Page - NXP Semiconductors LPC2131 Datasheet HTML 12Page - NXP Semiconductors LPC2131 Datasheet HTML 13Page - NXP Semiconductors LPC2131 Datasheet HTML 14Page - NXP Semiconductors LPC2131 Datasheet HTML 15Page - NXP Semiconductors LPC2131 Datasheet HTML 16Page - NXP Semiconductors LPC2131 Datasheet HTML 17Page - NXP Semiconductors LPC2131 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
LPC2131_32_34_36_38_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2007
14 of 39
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
6.4 Memory map
The LPC2131/32/34/36/38 memory map incorporates several distinct regions, as shown
in Figure 6.
In addition, the CPU interrupt vectors may be re-mapped to allow them to reside in either
flash memory (the default) or on-chip static RAM. This is described in Section 6.18
“System control”.
Fig 6.
LPC2131/32/34/36/38 memory map
AHB PERIPHERALS
VPB PERIPHERALS
RESERVED ADDRESS SPACE
RESERVED ADDRESS SPACE
BOOT BLOCK (RE-MAPPED FROM
ON-CHIP FLASH MEMORY
RESERVED ADDRESS SPACE
TOTAL OF 32 kB ON-CHIP STATIC RAM (LPC2136/38)
TOTAL OF 16 kB ON-CHIP STATIC RAM (LPC2132/34)
TOTAL OF 8 kB ON-CHIP STATIC RAM (LPC2131)
TOTAL OF 512 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2138)
TOTAL OF 256 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2136)
TOTAL OF 128 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2134)
0xFFFF FFFF
0xF000 0000
0xE000 0000
0xC000 0000
0x8000 0000
0x4000 4000
0x4000 3FFF
0x4000 2000
0x4000 1FFF
0x4001 8000
0x4000 7FFF
0x4000 0000
0x0004 0000
0x0003 FFFF
0x0002 0000
0x0001 FFFF
0x0008 0000
0x0007 FFFF
0x0001 0000
4.0 GB
3.75 GB
3.5 GB
3.0 GB
2.0 GB
1.0 GB
TOTAL OF 64 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2132)
TOTAL OF 32 kB ON-CHIP NON-VOLATILE MEMORY
(LPC2131)
0x0000 FFFF
0x0000 8000
0x0000 7FFF
0x0000 0000
0.0 GB
002aab069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39