Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T256YMT7F Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M41T256YMT7F
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7F Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M41T256YMT7F Datasheet HTML 3Page - STMicroelectronics M41T256YMT7F Datasheet HTML 4Page - STMicroelectronics M41T256YMT7F Datasheet HTML 5Page - STMicroelectronics M41T256YMT7F Datasheet HTML 6Page - STMicroelectronics M41T256YMT7F Datasheet HTML 7Page - STMicroelectronics M41T256YMT7F Datasheet HTML 8Page - STMicroelectronics M41T256YMT7F Datasheet HTML 9Page - STMicroelectronics M41T256YMT7F Datasheet HTML 10Page - STMicroelectronics M41T256YMT7F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
M41T256Y
Summary
7/30
Figure 1.
Logic diagram
1.
For 44-pin SNAPHAT (MT) package only.
Table 1.
Signal names
FT
Frequency test (open drain)
RST
Reset output (open drain)
SCL
Serial clock input
SDA
Serial data input/output
VCC
Supply voltage
VSS
Ground
TP
Tamper input
AI04754b
SCL
VCC
M41T256Y
VSS
SDA
TP
FT
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30