Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T256Y Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M41T256Y
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256Y Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M41T256Y_07 Datasheet HTML 9Page - STMicroelectronics M41T256Y_07 Datasheet HTML 10Page - STMicroelectronics M41T256Y_07 Datasheet HTML 11Page - STMicroelectronics M41T256Y_07 Datasheet HTML 12Page - STMicroelectronics M41T256Y_07 Datasheet HTML 13Page - STMicroelectronics M41T256Y_07 Datasheet HTML 14Page - STMicroelectronics M41T256Y_07 Datasheet HTML 15Page - STMicroelectronics M41T256Y_07 Datasheet HTML 16Page - STMicroelectronics M41T256Y_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
M41T256Y
Operating modes
13/30
master receiver reads and acknowledges the new byte and the address pointer is
incremented to An+2.
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter (see Figure 8 on page 14).
Note:
Address pointer will wrap around from maximum address to minimum address if
consecutive READ or WRITE cycles are performed.
An alternate READ mode may also be implemented whereby the master reads the
M41T256Y slave without first writing to the (volatile) address pointer. The first address that
is read is the last one stored in the pointer (see Figure 9 on page 14).
Figure 7.
Slave address location
Note:
The most significant bit is sent first.
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30