| Moteur de recherche de fiches techniques de composants électroniques |
|
2909708 Fiches technique(PDF) 3 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
2909708 Fiches technique(HTML) 3 Page - PHOENIX CONTACT |
|
3 / 5 page ![]() green D-SUB37 (18) = () red D-SUB37 (19) = () blue D-SUB37 (20) = () red D-SUB37 (21) = () yellow D-SUB37 (22) = () red D-SUB37 (23) = () brown D-SUB37 (24) = () red D-SUB37 (25) = () orange D-SUB37 (26) = () green D-SUB37 (27) = () white D-SUB37 (28) = () green D-SUB37 (29) = () blue D-SUB37 (30) = () green D-SUB37 (31) = () yellow D-SUB37 (32) = () green D-SUB37 (33) = () brown D-SUB37 (34) = () green D-SUB37 (35) = () orange D-SUB37 (36) = () white D-SUB37 (37) = () Connection data Field level Connection method D-SUB socket strip Number of connections 1 Number of positions 37 Controller level Connection method Twisted pair Number of positions 37 Note The wires are marked and fitted with ferrules Notes Notes on operation For proper use, the specifications of the installation directive (see Downloads) must be observed. For applications or use with third- party products, the specifications, and the safety and warning instructions of the respective third-party manufacturer must also be met. CAB-DSUB37F/RA/OE/22/TP/S/ 1M - Cable 2909708 https://www.phoenixcontact.com/us/products/2909708 Mar 7, 2025, 1:28 AM Page 3 (5) |