Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

36039-0000-R2-8 Fiches technique(PDF) 3 Page - Kontron

No de pièce 36039-0000-R2-8
Description  COM Express® compact Type 6 with Intel Atom® x7000E / x7000RE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KONTRON [Kontron]
Site Internet  https://www.kontron.com/en
Logo KONTRON - Kontron

36039-0000-R2-8 Fiches technique(HTML) 3 Page - Kontron

  36039-0000-R2-8 Datasheet HTML 1Page - Kontron 36039-0000-R2-8 Datasheet HTML 2Page - Kontron 36039-0000-R2-8 Datasheet HTML 3Page - Kontron 36039-0000-R2-8 Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
3
www.kontron.com
COMe-cAS6 (E2)
Block Diagram
CPU Variants
PROCESSOR
NUMBER
TDP W
CORES
EUS
BASE
FREQ
GHZ
1C TURBO
FREQ
GHZ
TJUNCTION
MIN °C
TJUNCTION
MAX °C
ECC
USE
CONDITION
X7211E
6
2
16
1,0
3,2
0
105
No
Embedded
X7213E
10
2
16
1,7
3,2
0
105
No
Embedded
X7425E
12
4
24
1,5
3,4
0
105
No
Embedded
X7211RE
6
2
16
1,0
3,2
-40
105
Yes–In Band
Embedded/
Industrial*
X7213RE
9
2
16
2,0
3,4
-40
105
Yes–In Band
Embedded/
Industrial*
X7433RE
9
4
32
1,5
3,4
-40
105
Yes–In Band
Embedded/
Industrial*
X7835RE
12
8
32
1,3
3,6
-40
105
Yes–In Band
Embedded/
Industrial*
N50
6
2
16
1,0
3,4
0
105
No
PC Client
N97
12
4
24
2,0
3,6
0
105
No
PC Client
N200
6
4
32
1,0
3,7
0
105
No
PC Client
I3-N305
9/15
8
32
1,0/1,8
3,8
0
105
No
PC Client
*For Industrial use condition turbo needs to be disabled
PCIe #2,3
PCIe #4,5
LPC
(eSPI)
Sound
Wire
CAN
eSPI
PCIe #0,1
HDA
VGA
USBSS #1
(USB 3.2 Gen2)
eDP
PCIe
DDR5 4800 MT/s
SODIMM
USBSS #0
(USB 3.2 Gen2)
eDP
PwrCtrl
SysMgmt
eSPI
SPI
DP++
DDI2
SMB
DP++
DDI1
LAN
SATA0
SATA1
eMMC
Intel Alder Lake N /
Intel Amston Lake Series
Connector
Option
Standard
component
eMMC
PSC
COM Express® connector CD – Pin-out Type 6
i226
PWM
FAN1
I2C
LID
Sleep
LVDS / eDP
GPIO
Embedded Controller
CPU FAN0
Power sequencing
Watchdog
eSPI2I2C
I2C
EEPROM
TCP 0, 1
SPI
BIOS Flash
GPIO
Ctrl
Mgmt
GPIO
eDP2LVDS
COM Express® connector AB – Pin-out Type 6
USB #0-7
(USB 2.0)
HSIO:
#0,1
USB 2.0
TPM 2.0
HSIO #10,11
TPM
USBSS #1-3
(USB 3.2 Gen2)
USB Hub
HSIO #6
HSIO: #8,9
2x
UART
SER0
SER1
DDI B
DP2VGA
UART
HWM
PSC
PowerSeqCtrl
eMMC
eSPI2
LPC
PCIe
Switch
Gen2
I2C
FAN
Ctrl
HSIO: #2,3
2x MIPI CSI
MIPI-CSI0
MIPI-CSI1
DP++
DDI3
DDI A
CAN
ctrl
PCIe



Html Pages

1 2 3 4