Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95M01-RMW6P Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce M95M01-RMW6P
Description  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-RMW6P Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button M95M01-RMW6P Datasheet HTML 7Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 8Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 9Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 10Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 11Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 12Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 13Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 14Page - STMicroelectronics M95M01-RMW6P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
M95M01-R
Connecting to the SPI bus
11/39
3.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 4, is the clock polarity when the
bus master is in Standby mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 4.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39