Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FXLS8971CF Fiches technique(PDF) 91 Page - NXP Semiconductors

No de pièce FXLS8971CF
Description  3-Axis Low-g Accelerometer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8971CF Fiches technique(HTML) 91 Page - NXP Semiconductors

Back Button FXLS8971CF Datasheet HTML 87Page - NXP Semiconductors FXLS8971CF Datasheet HTML 88Page - NXP Semiconductors FXLS8971CF Datasheet HTML 89Page - NXP Semiconductors FXLS8971CF Datasheet HTML 90Page - NXP Semiconductors FXLS8971CF Datasheet HTML 91Page - NXP Semiconductors FXLS8971CF Datasheet HTML 92Page - NXP Semiconductors FXLS8971CF Datasheet HTML 93Page - NXP Semiconductors FXLS8971CF Datasheet HTML 94Page - NXP Semiconductors FXLS8971CF Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
NXP Semiconductors
FXLS8971CF
3-Axis Low-g Accelerometer
Term
Description
if the accelerometer is placed on a vertical plane, the ideal output is 0 g for the Z-axis. The
deviation of each output from the ideal value is called zero-g offset. Offset is, to some extent,
a result of stress on the sensor and how well the sensor is leveled when soldered to the
board. Therefore, the zero-g offset can change after mounting the sensor onto a printed circuit
board or exposing it to extensive mechanical stress.
For applications that require increased precision, any residual post-board mount offset may be
removed using the
OFF_X/Y/Z registers, or alternatively, in the host application software.
Table 121. Glossary...continued
21 References
[1] AN1902 — Assembly Guidelines for QFN and DFN Packages, https://www.nxp.com/docs/en/application-note/
AN1902.pdf
[2] AN13193 — Self-test procedure for FXLS896xAF and FXLS897xCF, https://www.nxp.com/docs/en/application-note/
AN13193.pdf
[3] UM10204 — I2C-bus specification and user manual, https://www.nxp.com/docs/en/user-guide/UM10204.pdf
FXLS8971CF
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.1 — 7 March 2024
91 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100