Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10461CIWM Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC10461CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10461CIWM Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  ADC10461CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Ordering Information
Industrial Temp Range
(−40˚C
≤ T
A
≤ +85˚C)
Channels
Package
ADC10461CIWM *
1
M20B Small Outline
ADC10461CIWMX *
1
M20B Small Outline Tape & Real
ADC10462CIWM *
2
M24B Small Outline
ADC10462CIWMX *
2
M24B Small Outline Tape & Real
ADC10464CIWM
4
M28B Small Outline
ADC10464CIWMX
4
M28B Small Outline Tape & Real
* These devices are obsolete; shown for reference only.
Connection Diagrams
01110810
This device is obsolete; shown for reference only.
Top View
01110811
This device is obsolete; shown for reference only.
Top View
01110812
Top View
NOTE: The ADC10461 and ADC10462 are obsolete; shown for reference only.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17