Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1113 Fiches technique(PDF) 23 Page - ams AG

No de pièce AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Fiches technique(HTML) 23 Page - ams AG

Back Button AS1113 Datasheet HTML 16Page - ams AG AS1113 Datasheet HTML 17Page - ams AG AS1113 Datasheet HTML 18Page - ams AG AS1113 Datasheet HTML 19Page - ams AG AS1113 Datasheet HTML 20Page - ams AG AS1113 Datasheet HTML 21Page - ams AG AS1113 Datasheet HTML 22Page - ams AG AS1113 Datasheet HTML 23Page - ams AG AS1113 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
23 - 24
AS1113
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 9.
Table 9. Ordering Information
Type
Description
Delivery Form
Package
AS1113-BSSU
50mA, 16-Channel LED Driver with Diagnostics
Tubes
24-pin SSOP
AS1113-BSST
50mA, 16-Channel LED Driver with Diagnostics
Tape and Reel
24-pin SSOP
AS1113-BQFR
50mA, 16-Channel LED Driver with Diagnostics
Tray
28-pin QFN (5x5mm)
AS1113-BQFT
50mA, 16-Channel LED Driver with Diagnostics
Tape and Reel
28-pin QFN (5x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24