Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P3500SCMCL Fiches technique(PDF) 45 Page - Littelfuse

No de pièce P3500SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500SCMCL Fiches technique(HTML) 45 Page - Littelfuse

Back Button P3500SCMCL Datasheet HTML 41Page - Littelfuse P3500SCMCL Datasheet HTML 42Page - Littelfuse P3500SCMCL Datasheet HTML 43Page - Littelfuse P3500SCMCL Datasheet HTML 44Page - Littelfuse P3500SCMCL Datasheet HTML 45Page - Littelfuse P3500SCMCL Datasheet HTML 46Page - Littelfuse P3500SCMCL Datasheet HTML 47Page - Littelfuse P3500SCMCL Datasheet HTML 48Page - Littelfuse P3500SCMCL Datasheet HTML 49Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
3DFNLQJ2SWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 45
www.littelfuse.com
Modified TO-220
Tape and reel packing options meet all specifications as set forth in EIA-468-B. Standard
reel pack quantity is 700.
The following illustration shows the tube pack:
Type 61
1.626
(41.15)
0.720
(18.29)
0.360
(9.14)
0.240
(6.10)
0.019
(0.5)
0.750 ± 0.010
(19.05 ± 0.25)
0.500
(12.7)
0.100
(2.54)
0.100
(2.54)
14.173
(360.0)
Component/Tape Layout
Standard Reel pack (RP)
Dimensions are in inches
(and millimeters).
1.968
(50.0)
Direction of Feed
REF
22.0 ± .2
(559 ± 5)
.220
(5.58)
.160
(4.06)
1.300
(136.25)
1.250 ± .015
(31.75)
.630 ± .015
(16.00 ± 0.38)
.140
(3.56)
.025 ± .005
(0.64 ± 0.13)
TYP. Wall
Dimensions are in inches
(and millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52