| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8580 Fiches technique(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8580 Fiches technique(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 97 page ![]() WM8580 Production Data w PD Rev 4.3 August 2007 4 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8580AGEFT/V -40 to +85oC 48-lead TQFP (Pb-free) MSL1 260 °C WM8580AGEFT/RV -40 to +85oC 48-lead TQFP (Pb-free, tape and reel) MSL1 260 °C Note: Reel quantity = 2,200 |