Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

16VT175S Fiches technique(PDF) 2 Page - Littelfuse

No de pièce 16VT175S
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16VT175S Fiches technique(HTML) 2 Page - Littelfuse

  16VT175S Datasheet HTML 1Page - Littelfuse 16VT175S Datasheet HTML 2Page - Littelfuse 16VT175S Datasheet HTML 3Page - Littelfuse 16VT175S Datasheet HTML 4Page - Littelfuse 16VT175S Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
VT Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Axial Leaded Strap
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
16VT170
3.20
2.70
2.20
1.70
1.30
1.00
0.80
0.50
0.10
16VT170XS
3.20
2.70
2.20
1.70
1.30
1.00
0.80
0.50
0.10
16VT175
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175S
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175L
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175XL
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175EL
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175NEL
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT200
3.70
3.20
2.60
2.00
1.50
1.20
0.90
0.50
0.10
16VT200S
3.70
3.20
2.60
2.00
1.50
1.20
0.90
0.50
0.10
16VT200UL
3.70
3.20
2.60
2.00
1.50
1.20
0.90
0.50
0.10
16VT210
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210S
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210SS
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210L
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210NL
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210UL
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT240
4.40
3.70
3.10
2.40
1.80
1.50
1.20
0.90
0.10
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
200%
Average Time Current Curves
A: 16VT170XS
B: 16VT210S
A
B
The average time current curves and temperature rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.



Html Pages

1 2 3 4 5