| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP811-DOC Fiches technique(PDF) 1 Page - TEWS Technologies GmbH |
|
|
|||||||||||||||||||||||||||||
TIP811-DOC Fiches technique(HTML) 1 Page - TEWS Technologies GmbH |
|
|
1 / 1 page ![]() TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice. All trademarks mentioned are property of their respective owners. 10/2009 TEWS TECHNOLOGIES GmbH Am Bahnhof 7 25469 Halstenbek, Germany Phone: +49 (0) 4101 4058 0 Fax: +49 (0) 4101 4058 19 e-mail: info@tews.com www.tews.com The Embedded I/O Company TIP811 Interbus Master Interface Application Information The TIP811 is an IndustryPack® compatible module providing a complete INTERBUS master interface using the MC68332 local controller. The original INTERBUS master firmware of PHOENIX, which is running on the MC68332 local controller, handles the complete INTERBUS communication protocol. The host CPU can directly access the bit pattern of the I/O modules in the Dual Port RAM of the TIP811. The driver support (TIP811-SW-xx) for different operating systems is available. The TIP811-TM-10 transition module is required for the TIP811. It provides the optically isolated INTERBUS connector, a RS232 diagnostic port and status LED's. For First-Time-Buyers the Engineering Documentation TIP811-ED is recommended. The Engineering Documentation includes TIP811-DOC, schematics and data sheets. Technical Information Interface according to IndustryPack specification Identification-PROM supports auto-configuration Controller MC68332 Local ROM 128k x 8, RAM 128k x 8 and EEPROM 32k x 8 Dual Port RAM 2k x 8 Interbus interface with IPMS3 Supports a maximum of 128 I/O modules Supports a maximum of 2048 I/O points Transition Module 6HE with: Optically isolated RS485 Interbus-S interface RS232 diagnostic port Status LED'S Order Information None RoHS Compliant TIP811-10 Interbus Master IP TIP811-TM-10 Interbus Master Transition Module Documentation TIP811-DOC User Manual TIP811-ED Engineering Documentation (includes TIP811-DOC) Software TIP811-SW-25 Integrity Software Support TIP811-SW-42 VxWorks Software Support (Legacy and VxBus-Enabled Software Support) TIP811-SW-65 Windows XP/XPE/2000 Software Support TIP811-SW-72 LynxOS Software Support TIP811-SW-82 LiNUX Software Support TIP811-SW-95 QNX 6 Software Support For other operating systems please contact TEWS. |
Numéro de pièce similaire - TIP811-DOC |
|
Description similaire - TIP811-DOC |