| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP810-DOC Fiches technique(PDF) 1 Page - TEWS Technologies GmbH |
|
|
|||||||||||||||||||||||||||||
TIP810-DOC Fiches technique(HTML) 1 Page - TEWS Technologies GmbH |
|
1 / 2 page ![]() The Embedded I/O Company TIP810 CAN Bus IP Application Information The TIP810 is an IndustryPack compatible module with a complete CAN bus interface using the Philips SJA1000 CAN controller. The Philips SJA1000 CAN controller is a stand-alone controller for the Controller Area Network (CAN) used within automotive and general industrial environments. It is the successor of the PCA82C200 CAN controller (Basic CAN) from Philips Semiconductors which was used on the TIP810-10R V1.0. Additionally, a new mode of operation (PeliCAN) is implemented on the SJA1000 which supports the CAN 2.0B protocol specification with several new features. The SJA1000 has the capability to transmit, receive and perform message filtering on standard and extended messages. The TIP810 supports an 8 bit bus interface which permits byte accesses to the internal registers of the SJA1000 controller. The physical interface supports both, CAN high- speed (according to ISO11898) and modified RS485. Both physical interfaces are optically isolated from the CAN controller. An on board DC/DC converter supplies the isolated parts of the TIP810. The CAN Software Support TIP810-SW-xx provides functionality to route CAN messages to dedicated processes. Software Support (TIP810-SW-xx) is available for different operating systems. TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice. All trademarks mentioned are property of their respective owners. Issue 3.0.1 2017-08-24 TEWS TECHNOLOGIES GmbH Am Bahnhof 7 25469 Halstenbek, Germany Phone: +49 (0) 4101 4058 0 Fax: +49 (0) 4101 4058 19 e-mail: info@tews.com www.tews.com |
Numéro de pièce similaire - TIP810-DOC |
|
Description similaire - TIP810-DOC |