| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2004S Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004S Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 79 page ![]() STE2004S Bus interfaces 41/79 Figure 45. 68000-series parallel interface protocol - one byte transmission Figure 46. 68000-series parallel interface bus protocol - several bytes transmission Figure 47. 68000-series parallel interface protocol in reading mode D/C CS D0 to D7 E R/W LR0004 D/C CS D0 to D7 E R/W LR0081 D/C CS D0 to D7 E R/W LR0082 |