Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN3310BBCZ Fiches technique(PDF) 39 Page - Analog Devices

No de pièce ADIN3310BBCZ
Description  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ Fiches technique(HTML) 39 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 35Page - Analog Devices ADIN3310BBCZ Datasheet HTML 36Page - Analog Devices ADIN3310BBCZ Datasheet HTML 37Page - Analog Devices ADIN3310BBCZ Datasheet HTML 38Page - Analog Devices ADIN3310BBCZ Datasheet HTML 39Page - Analog Devices ADIN3310BBCZ Datasheet HTML 40Page - Analog Devices ADIN3310BBCZ Datasheet HTML 41Page - Analog Devices ADIN3310BBCZ Datasheet HTML 42Page - Analog Devices ADIN3310BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
THEORY OF OPERATION
analog.com
Rev. A | 39 of 86
The Layer 2 header follows the SMD, with the destination address
and the source address. A standard Ethernet frame may not have a
VLAN tag; however, a tag can be added by the switch port manage-
ment. TSN streams typically have a VLAN tag, which contains a
priority (PCP) and a 12-bit VLAN ID. The VLAN ID is used with the
destination address to identify the TSN stream in the lookup tables.
In industrial applications, typical frame sizes are less than 1522
bytes (including the VLAN tag). The switch can support reception
and transmission of frames in excess of 1522 bytes; however,
jumbo packets consume larger blocks of buffer memory and Ether-
net CRC robustness degrades significantly for longer frame sizes,
which can result in undetected errors in these frames. Frames in
excess of the default maximum length (1522 bytes) are recorded in
the receiving port statistics as a large frame error.
Figure 27. Ethernet Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com