| Moteur de recherche de fiches techniques de composants électroniques |
|
770-RNO1711-200G Fiches technique(PDF) 2 Page - DFI Inc |
|
|
|||||||||||||||||||||||||||||
770-RNO1711-200G Fiches technique(HTML) 2 Page - DFI Inc |
|
2 / 3 page ![]() www.dfi.com MECHANICAL DRAWING 10.16 0.00 0.18 5.77 22.14 42.32 33.92 22.86 48.00 54.15 79.65 105.15 117.69 129.70 154.94 159.84 64.72 111.30 78.48 118.08 156.08 154.94 136.57 134.65 BLOCK DIAGRAM AMD Ryzen V2000 Series DDI HDA PCIe x4 Gen3/SATA 3.0 USB 3.1 Gen1 GLAN 2 USB 2.0 2x DP++ 2x Realtek ALC888S-VD2-GR M.2 2280 M key Audio Jack S/PDIF Realtek RTL8119-CG Front Audio GLAN 1 USB 3.1 Gen 1 2x PCIe x1 Gen2 USB 2.0 2x USB 2.0 USB 2.0 Vertical Type A 1x USB 2.0 Channel A DDR4 up to 3200 MHz SODIMM PCIe x8 Gen3 PCIe x16 SATA 3.0 SATA 3.0 Realtek RTL8119-CG PCIe x1 Gen2 USB 2.0 LPC RS-232 4x FAN Control H/W Monitor Super IO with WDT RS-232/422/485 1x RS-232 1x TPM 2.0 (opt.) SPI Bus DDI DP++ 2x Channel B DDR4 up to 3200 MHz SODIMM SATA 3.0 SATA 3.0 USB 2.0 (default) USB 2.0 2x (opt.) USB 2.0 |