Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F84A-04/SSQTP Fiches technique(PDF) 44 Page - Microchip Technology

No de pièce PIC16F84A-04/SSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSQTP Fiches technique(HTML) 44 Page - Microchip Technology

Back Button PIC16F84A-04/SSQTP Datasheet HTML 40Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 41Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 42Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 43Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 44Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 45Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 46Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 47Page - Microchip Technology PIC16F84A-04/SSQTP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
PIC16F84A
DS35007B-page 42
© 2000 Microchip Technology Inc.
XORLW
Exclusive OR Literal with W
Syntax:
[
label]
XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register
are XOR’ed with the eight-bit lit-
eral 'k'. The result is placed in
the W register.
XORWF
Exclusive OR W with f
Syntax:
[
label]
XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register 'f'. If 'd' is
0, the result is stored in the W
register. If 'd' is 1, the result is
stored back in register 'f'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88