Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD40106B Fiches technique(PDF) 2 Page - Silicon Supplies

No de pièce CD40106B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SS [Silicon Supplies]
Site Internet  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD40106B Fiches technique(HTML) 2 Page - Silicon Supplies

  CD40106B Datasheet HTML 1Page - Silicon Supplies CD40106B Datasheet HTML 2Page - Silicon Supplies CD40106B Datasheet HTML 3Page - Silicon Supplies CD40106B Datasheet HTML 4Page - Silicon Supplies CD40106B Datasheet HTML 5Page - Silicon Supplies CD40106B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
d
CMOS High Voltage Logic – CD40106B
Rev 1.0
17/02/2023
Pad Layout and Functions
Logic Diagram
Function Table
INPUT
OUTPUT
L
H
H
L
Pad 14 = VDD
Pad 7 = GND
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
A
90
75
2
G = A
435
85
3
DIE ID
B
600
75
4
H = B
885
85
5
C
1135
80
6
I = C
1485
210
7
VSS
1485
390
8
J = D
1495
870
9
D
1180
880
10
K = E
1010
875
11
E
730
880
12
L = F
445
870
13
F
85
805
14
VDD
95
625
CONNECT CHIP BACK TO VDD
Page 2 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6