Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S5708 Fiches technique(PDF) 6 Page - Allegro MicroSystems

No de pièce S5708
Description  OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

S5708 Fiches technique(HTML) 6 Page - Allegro MicroSystems

  S5708 Datasheet HTML 1Page - Allegro MicroSystems S5708 Datasheet HTML 2Page - Allegro MicroSystems S5708 Datasheet HTML 3Page - Allegro MicroSystems S5708 Datasheet HTML 4Page - Allegro MicroSystems S5708 Datasheet HTML 5Page - Allegro MicroSystems S5708 Datasheet HTML 6Page - Allegro MicroSystems S5708 Datasheet HTML 7Page - Allegro MicroSystems S5708 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STR-G665
3
OFF-LINE
QUASI-RESONANT FLYBACK
SWITCHING REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
™
Dimensions in Inches
(for reference only)
Dwg. MK-003-5 in
0.018
+0.008
–0.004
0.200
±0.024
AT TIPS
0.394
± 0.008
0.126
± 0.008
ø
0.665
± 0.012
0.067
± 0.004
0.110
± 0.008
0.102
± 0.004
15
0.033
+0.008
–0.004
0.165
± 0.008
0.311
± 0.008
0.343
± 0.020
0.157
± 0.008
0.161
± 0.020
0.181 REF



Html Pages

1 2 3 4 5 6 7 8