| Moteur de recherche de fiches techniques de composants électroniques |
|
HCD-RX88 Fiches technique(PDF) 1 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
HCD-RX88 Fiches technique(HTML) 1 Page - Sony Corporation |
|
1 / 18 page ![]() – 1 – E Model SPECIFICATIONS SERVICE MANUAL COMPACT DISC DECK RECEIVER — Continued on next page — MICROFILM HCD-V818 HCD-V818 is the tuner, deck, Video CD and amplifier section in MHC-V818. Model Name Using Similar Mechanism HCD-V800 CD Mechanism Type CDM38L-5BD24AL Base Unit Type BU-5BD24AL Optical Pick-up Type KSS-213D/Q-NP Model Name Using Similar Mechanism HCD-GRX8/R800/RX88/RX99 Tape Transport Mechanism Type TCM-230AWR1 TCM-230PWR1 CD SECTION TAPE DECK SECTION |
Numéro de pièce similaire - HCD-RX88 |
|
Description similaire - HCD-RX88 |